Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 59 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 59 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 55Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 56Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 57Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 58Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 59Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 60Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 61Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 62Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 63Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
57
Link Terminals with 8 Inputs and 8 Outputs
B7AM-8
j
Transmission Units Transmitting Input
and Output Signals
Transmit eight input signals and eight output
signals over three wires (or four wires if only one
terminal has power supply).
Transistor and relay inputs can be connected to the
input terminals.
Compact and space-saving.
Ordering Information
Model Number Legend
B7AM - 8
34
1. Classification
M:I/O combination model
2. Number of I/O
8: Eight input points and eight output points
3. Input/Output Configuration
B: NPN input and 100-mA NPN open collector output per point
F: PNP input and 100-mA PNP open collector output per point
4. Error Processing
1: HOLD
3: LOAD OFF
5. I/O Delay Time (Typical)
1: 19.2 ms (Screw terminals)
6: 3 ms (Screw terminals)
1
2
5
Product List
Refer to page 114 for details.
I/O Combinations
Refer to pages 1 to 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com