Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 82 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 82 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 78Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 80Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 81Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 83Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 121 page
background image
B7AC
B7AC
80
B7AC-T10A1-B
Connector
number
I/O delay time selection
4
3
2
1
4
3
1
2
4
3
1
2
4
3
1
2
9
1
0
P
36 V
36 V
36 V
SIG
+
Note:
Terminal 2 of connector numbers 0 to 9 is not used.
Connector No. 0 to 9 (Input)
With Contact Switch
With Two-wire DC Sensor
With Three-wire PNP Sensor
1
4
3
2
+–
1
4
3
2
Output
1
4
3
2
Output
Brown
(white)
Blue
(black)
Brown
(red)
Black
(white)
Blue
(black)
Connector No. P (Transmission)
Connection to B7A Output Unit
Power
supply
B7A Output Unit
Note:
No connection is required to the I/O delay
selection terminal (terminal 4).
Connection to DRT1-B7AC
Power
supply
DRT1-B7AC
Note:
The I/O delay time can be selected by connect-
ing to the I/O delay selection terminal (terminal
4). Selection is made using the DRT1-B7AC’s
selection switch.
4
3
2
1
SIG
+
4
3
2
1
SIG
+
SPEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com