Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 83 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 83 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 80Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 81Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 83Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 87Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
81
B7AC Interface Terminal (10 Inputs
× 3)
DRT1-B7AC
An Interface Terminal that Groups Link
Terminals with Sensor I/O Connectors
(10 Input Points
× 3) and Enables
Connection to DeviceNet
Branching to 3 B7AC Link Terminals possible with
just a single Unit.
Connectors eliminate the need for mounting
accessories.
High environment resistance achieved with dust-
tight, drip-proof structure (IP66).
Compact dimensions: 135
× 51 × 56 mm (W × D ×
H).
Ordering Information
Product List
Name
Number of ports
I/O connection
configuration
Number of I/O points
Model
B7AC Interface Terminal
3
FA connector
3 sets of 10
DRT1-B7AC
Applicable Connectors
For Transmission Path (Connector No. P)
XS2G-D4
jj
Assembling connector
(crimp-style/solder-type/screw-type)
plug
XS2H-D421-
jjj
Cable with a connector (plug) at
one end
XS2W-D42
j-jjj
Cable with connectors at both ends
(socket and plug)
For Power Supply Line (Connector No. P)
XS2C-D4
jj
Assembling connector
(crimp-style/solder-type/screw-type)
socket
XS2F-D42
j-j80
Cable with a connector at one end
(socket)
DeviceNet Connecting Cables
DCA1-5CN
jjW1
Cable with connectors at both ends
DCA1-5CN
jjF1
Cable with a connector (socket) at
one end
DCA1-5CN
jjH1
Cable with a connector (plug) at
one end
DeviceNet T-branch Connectors
DCN2-1
Shielded T-branch connector
Terminating Resistors
DRS2-1
Plug-type terminating resistor
DRS2-2
Socket-type terminating resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com