Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 95 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 95 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 91Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 92Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 93Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 94Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 95Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 96Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 97Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 98Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 99Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
B7A
B7A
93
Modular Models
Transmission
line
SIG
12 to 24 VDC
+
5 VDC
5 VDC
B7A-T10M2 (Input, Active High for TTL)
9 8 7 6 5 4 3 2 1
10 11 12 13 14 15 16 17 18
Top View
Note:
Do not short-circuit the SIG terminal with the positive
power supply terminal, negative power supply terminal,
otherwise the internal elements of the B7A will be dam-
aged and no transmission will be possible.
IN
jj
IN
jj
IN
jj
No.
Terminal
1
IN00
2
IN01
3
IN02
4
IN03
5
IN04
6
IN05
7
IN06
8
NC
9
10
IN07
11
IN08
12
IN09
13
NC
14
NC
15
NC
16
NC
17
SIG
18
+
B7A-R10MC (Output, NPN Open Collector)
9 8 7 6 5 4 3 2 1
10 11 12 13 14 15 16 17 18
SIG
+
Transmission
line
12 to 24 VDC
Top View
Note:
Do not short-circuit any out-
put A terminal with the cor-
responding B terminal,
otherwise the internal ele-
ments of the B7A will be
damaged.
ERR
OUT
jj
OUT
jj
Relay
No.
Terminal
1
OUT00
2
OUT01
3
OUT02
4
OUT03
5
OUT04
6
OUT05
7
OUT06
8
NC
9
10
OUT07
11
OUT08
12
OUT09
13
NC
14
N/P
15
ERR
16
SIG
17
NC
18
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com