Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 89 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 89 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 87Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 89Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 90Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 91Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 92Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 93Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
B7A
B7A
87
Specifications
Characteristics
General
Item
Normal speed
Communications method
Unidirectional, time-division multiplex
Transmission distance (see note 1)
500 m max.
I/O delay time
Typical: 19.2 ms; 31 ms max.
Minimum input time (see note 2)
16 ms
Operating voltage range
12 to 24 VDC (10.8 to 26.4 VDC) (see note 1)
Insulation resistance
100 M
Ω min. (500 V) between each terminal and external parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between each terminal and external parts
Noise immunity
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs (on transmission line due to coupling)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
300 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing)
Storage:
–25 to 65
°C (with no icing)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Note:
1. The transmission distance values stated in this table are possible if the Input or Output Link Terminal is connected to an independent
power supply. If a single power supply is connected to the Input or Output Link Terminal, the supply voltage must be 24 VDC
±10%,
in which case the transmission distance is 100 m maximum. Refer to
Power Supply on page 89 for details.
2. The minimum input time is required for the B7A to read an input signal.
Input Models
Item
Screw terminal models
Modular models
B7A-T10S1
B7A-T10S3
B7A-T10M2
Compatible inputs
Switches, three-wire NPN sensors (see note 1)
TTLs, switches
Input logic
Active low
Active high
Current consumption
(see note 2)
80 mA max. with all input terminals ON
40 mA max. with all input terminals
ON
Input voltage range
0 VDC to supply voltage
0 to 5 VDC
±10%
Operating voltage
range
12 to 24 VDC
Input current range
–4.4 to –1.1 mA/point (current flowing from input terminals)
1.7 to 2.2 mA/point
Minimum input time
(see note 3)
16 ms
ON/OFF threshold
No-contact input:
ON voltage:
1.6 V max.
OFF voltage:
5.5 V min.
Contact input:
ON discrimination resistance:
140
Ω max.
OFF discrimination resistance: 5 k
Ω min.
ON voltage:
2.2 V min.
OFF voltage:
0.8 V max.
Mounting strength
No damage when 49-N pull is applied for 1 min each in all directions
(except direction of DIN track)
---
Terminal strength
No damage when 49-N pull is applied for 1 min each in all directions
---
Tightening torque
0.78 to 1.18 N
S m
---
Weight
Approx. 100 g
Approx. 12 g
Note:
1. The polarity of the B7A-TS10S1’s B
j terminal is negative. Therefore, supply power to the three-wire sensor from the positive pow-
er supply terminal or a power supply.
2. Consumption when all 10 points are ON. Excludes external sensor current for Input Terminals.
3. The minimum input time is required for the B7A to read an input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com