Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 88 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 88 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 87Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 89Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 90Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 91Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 92Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
86
Link Terminals with 10 I/O Points
B7A
Transmit Signals while Saving Space
and Wiring Effort
More economical than previous multipoint trans-
mission terminals.
Transmit 10 input signals over just 2 wires (or over
3 wires if only one terminal has power supply).
Models available with either screw terminals or
modular terminals.
Indicators provided on models with screw terminals
for easy visual confirmation of I/O signal status.
Three-wire NPN output sensor can be connected to
the B7A with screw terminals (two-wire proximity
sensors cannot be connected).
Ordering Information
Model Number Legend
Input Models
B7A - T 10
12
34
1. Input/Output Classification
T:
Input
2. Number of I/O
10: 10
3. Appearance
S: Screw terminals
M: Module
4. Input Logic
4
Input logic
Internal I/O common
Remarks
1
NPN
compatible
– common
Screw terminals
only
2
TTL
---
Module only
3
NPN
compatible
+/– common
Screw terminals
only
Output Models
B7A - R 10
C
12
34
1. Input/Output Classification
R:
Output
2. Number of I/O
10: 10
3. Appearance
S: Screw terminals
M: Module
5
4. Output Logic
4
Output logic
Internal I/O common
Remarks
C
NPN open
collector
+ common
Screw terminals
only
---
Module only
5. Output Capacity
5
Output capacity
Remarks
None
0.05 A
Module only
01
0.1 A
Screw terminals only
Product List
Refer to page 114 for details.
I/O Combinations
Refer to pages 1 to 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com