Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 76 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 76 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 72Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 73Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 74Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 75Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 76Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 77Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 78Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 80Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 121 page
background image
B7AC
B7AC
74
B7AC-T10A1-B Input
Compatible inputs
Switches, two-wire sensors, three-wire PNP sensors
Input logic
Active high
Current consumption (see note)
120 mA max. with all input terminals ON
Input voltage range
0 VDC to supply voltage
Input current range
3.6 to 5.3 mA/point
ON/OFF threshold
No-contact input: ON voltage:
Power supply voltage –5.5 V min.
OFF voltage: Power supply voltage –7.5 V max.
Contact input:
ON discrimination resistance:
1 k
Ω max.
OFF discrimination resistance:
2.1 k
Ω min.
Note:
Consumption when all 10 points are ON. Excludes external sensor current for Input Terminals.
Nomenclature
Power supply indicator
Input indicators
Transmission and
power supply connector
Input connector
Indicator Operation
Indicator
Function
POWER
G
Lit when power is supplied and the
Terminal is operating.
N
Not lit when power is not supplied.
Input
O
Lit when the input signals are ON.
N
Not lit when the signals are OFF.
Note:
G: Green indicator lit; O: Orange indicator lit; N: Not lit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com