Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 28Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 29Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 30Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 31Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 32Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 33Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 34Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 35Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
B7A/B7AS
B7A/B7AS
30
Modular Models
B7A-T6D2/-T6D7
(Input, Active High)
B7A-R6A52/-R6A57
(Output, NPN Open Collector)
Black
(white)
Blue
(black)
Brown
(red)
Proximity
sensor
(with PNP
output)
–
+
SIG
Switch
Trans-
mission
line
IN10
13
IN11
14
IN12
15
IN13
16
IN14
17
IN15
18
NC
19
NC
20
NC
21
SIG
22
NC
23
+
24
–
12
NC
11
IN09
10
IN08
9
IN07
8
IN06
7
IN05
6
IN04
5
IN03
4
IN02
3
IN01
2
IN00
1
Top View
Note:
1. The wire colors have been changed in accordance
with the revision of the Japanese Industrial Standards
for photoelectric sensors and proximity sensors. The
colors in parentheses refer to the old colors.
2. Do not short-circuit the SIG terminal with a positive or
negative power supply terminal, otherwise the internal
elements of the B7A will be damaged and no transmis-
sion will be possible.
OUT10
13
OUT11
14
OUT12
15
OUT13
16
OUT14
17
OUT15
18
ERR
19
N/P
20
H/L
21
SIG
22
NC
23
+
24
–
12
NC
11
OUT09
10
OUT08
9
OUT07
8
OUT06
7
OUT05
6
OUT04
5
OUT03
4
OUT02
3
OUT01
2
OUT00
1
Top View
N/P
+
SIG
Switch
(see note 2)
H/L
ERR
–
Trans-
mission
line
Note:
1. Do not short-circuit any output terminal with the posi-
tive terminal, otherwise the internal elements of the
B7A will be damaged.
2. Logic output processing and error output processing
methods can be selected with the selectors. The se-
lectors are not required when the B7A is used with its
output fixed to the output logic.
IN
jj
IN
jj
IN
jj
OUT
jj
OUT
jj
Switch
(see note 2)
N/P: Negative/Positive
H/L: HOLD/LOAD OFF
Terminal processing
Function
Terminal processing
Function
Open
Output logic active H
Open
Error output processing: HOLD
Connected to 0 V
Output logic active L
Connected to 0 V
Error output processing: LOAD OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com