Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 50Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 51Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 52Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 53Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 54Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 55Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 56Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 57Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 121 page
background image
B7AM-6BS
B7AM-6BS
52
Specifications
Characteristics
General
Normal speed
High speed
Communications method
Unidirectional, time-division multiplex
Transmission distance
500 m max.
100 m max. (see note 1)
I/O delay time
Typical: 19.2 ms; 31 ms max.
Typical: 3 ms; 5 ms max.
Minimum input time (see note 2)
16 ms
2.4 ms
Operating voltage range
12 to 24 VDC (10.8 to 26.4 VDC)
Insulation resistance
100 M
Ω min. (500 V) between each terminal and external parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between each terminal and external parts
Noise immunity (see note 3)
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
300 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing)
Storage:
–25 to 65
°C (with no icing)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Note:
1. A shielded transmission cable or a VCTF cable with a thickness of 0.75 mm2 minimum must be used for signal transmission. If the
VCTF cable is used, however, the transmission distance will be 10 m maximum regardless of whether or not independent power
supplies for the Input and the Output Link Terminals are used.
2. The minimum input time is required for the B7AM to read an input signal.
3. As for the high-speed model, these values are possible without grounding the shielded line.
Screw Terminal Model
Item
B7AM-6BS
I/O delay time
Normal speed (typical 19.2 ms); high speed (typical 3 ms) (switch selectable) (see note 4)
Current consumption (see note 1)
240 mA max. with all input/output terminals ON
Operating voltage range
12 to 24 VDC
Compatible inputs (see note 2)
Switches, two-wire sensors with DC output, three-wire NPN sensors
Input logic
Active low
Input voltage range
0 VDC to supply voltage
Input current range
–6 to –3 mA/point (current flowing from input terminals)
Minimum input time
Normal speed: 16 ms; high speed: 2.4 ms
ON/OFF threshold
No-contact input: ON voltage:
4 V max.
OFF voltage: 6 V min.
Contact input:
ON discrimination resistance:
660
Ω max.
OFF discrimination resistance:
2 k
Ω min.
Output configuration
NPN open collector
Rated load voltage
5 to 24 VDC
Output residual voltage
0.8 V max.
Output current
Sync. current, 100 mA max./ point
Error processing
HOLD/LOAD OFF is set using a selection switch (see note 3)
Mounting strength
No damage when 49-N pull is applied for 1 min each in all directions
Terminal strength
No damage when 49-N pull is applied for 1 min each in all directions
Tightening torque
0.78 to 1.18 N
S m
Weight
Approx. 230 g
Note:
1. Consumption when all 16 input/output points are ON. Excludes external sensor current for Input Terminals and external load current
and error load current for Output Terminals.
2. Power must be supplied to the three-wire sensor via the positive power supply terminal or from an independent power supply.
Two-wire sensors must satisfy the following requirements:
Residual voltage:
4 V max.
Current leakage:
1.5 mA max.
The lower limit of control output:
3 mA (Use a bleeder resister to eliminate this restriction.)
3. Default settings are 19.2 ms and LOAD OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com