Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 85 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 85 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 81Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 83Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 87Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 89Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
DRT1-B7AC
DRT1-B7AC
83
Specifications
Characteristics
General
Communications power supply
voltage
11.0 to 25.0 VDC (supplied from the communications connector)
External power supply voltage
24 VDC +10%/–15%
Current consumption
Interface Terminal power supply: 500 mA max. (with B7AC input OFF)
Dielectric strength
500 VAC for 1 minute (between isolated circuits; detection current: 1 mA)
Noise immunity
Power supply normal for internal circuits:
±600 V for 10 minutes; pulse width: 100 ns to 1 µs
Power supply common for internal circuits:
±1.5 kV for 10 minutes; pulse width: 100 ns to 1 µs
Vibration resistance
Malfunction: 0.5-mm single amplitude, 10 to 150 kHz, 70 m/s2
Destruction: 0.75-mm single amplitude, 10 to 150 kHz, 100 m/s2
Shock resistance
Malfunction: 200 m/s2
Destruction: 300 m/s2
Ambient temperature
Operating: –10 to 55
°C
Storage:
–25 to 65
°C
Ambient humidity
Operating: 25% to 85% (with no condensation)
Ambient atmosphere
No corrosive gases present
Enclosure rating
IEC IP66
Mounting method
M5-screw mounting
Mounting strength
100 N, 10 s
Connector strength
Pulling force: 100 N, 10 s
Weight
500 g max.
Dimensions
135
× 51 × 56 (W × D × H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com