Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 41Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 42Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 43Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 44Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 47Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 48Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
B7A
B7A
43
B7A-R3A13/-R3A33/-R3A18/-R3A38
(Output, NPN Open Collector)
ERR2
Transmission
line
SIG1
SIG2
+
_
12 to
24 VDC
Connector
ERR1
Terminal
board
OUT00
OUT31/ERR
to
+ (18, 38)
• SIG1:
OUT00 to OUT15
SIG2:
OUT16 to OUT31
I/O output or error
output can be selected.
Terminal
board
Connector
+ (9, 29)
(see note 2)
(see note 1)
Fuse
(see note 3)
(See note 1)
Terminal No.
Terminal
Terminal No.
Terminal
Terminal No.
Terminal
1
OUT00
15
OUT13
29
+ (see note 2)
2
OUT01
16
OUT14
30
OUT24
3
OUT02
17
OUT15/ERR
(see note 1)
31
OUT25
4
OUT03
18
+
32
OUT26
5
OUT04
19
NC (open)
33
OUT27
6
OUT05
20
NC (open)
34
OUT28
7
OUT06
21
OUT16
35
OUT29
8
OUT07
22
OUT17
36
OUT30
9
+ (see note 2)
23
OUT18
37
OUT31/ERR
(see note 1)
10
OUT08
24
OUT19
38
+
11
OUT09
25
OUT20
39
NC (open)
12
OUT10
26
OUT21
40
NC (open)
13
OUT11
27
OUT22
14
OUT12
28
OUT23
Note:
1. It is possible to select 32 output points or 30 output points and two error output points.
2. A maximum of 0.4 A can be supplied from each positive terminal (9, 29).
3. The user cannot replace the fuse.
4. Do not short-circuit any output terminal with the positive terminal, otherwise the internal
elements of the B7A will be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com