Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 14Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 15Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 16Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 17Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 18Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 19Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 20Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 21Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 121 page
background image
16
Link Terminals with 16 I/O Points (Screw Terminal
and Modular Models)
B7A/B7AS
Transmit Signals while Saving Space
and Wiring Effort
More economical than previous multipoint trans-
mission terminals.
Transmit 16 input signals over just 2 wires (or 3
wires if only one Terminal has power supply.)
Models available with normal I/O delay time
(19.2 ms typical) or short I/O delay time (3 ms
typical).
Models available with the HOLD function or LOAD
OFF function for processing transmission errors.
A series of B7AS models as compact as 10-point
screw terminal models are available.
Ordering Information
Model Number Legend
Input Models
B7A
j - T 6 j j
1
234
1. Series
None: Standard
S:
Small
2. Input/Output Classification
T:
Input
3. Number of I/O Points
6:
16
5
4. Input Logic/Internal I/O Common
4
Input logic
Internal I/O common
A
NPN compatible
– common
B
NPN compatible
+/– common
C
PNP compatible
+/– common
D
PNP (TTL) compatible
---
5. I/O Delay Time (Typical)/Appearance
5
I/O delay time
Appearance
1
19.2 ms
Screw terminals
2
19.2 ms
Module
6
3 ms
Screw terminals
7
3 ms
Module
Output Models
B7A
j - R 6 j j j
1
234
1. Series
None: Standard
S:
Small
2. Input/Output Classification
R:
Output
3. Number of I/O Points
6:
16
5
6
4. Output Logic/Output Capacity
3
Output logic
Output capacity
A
NPN open collector
0.05 A/point
B
NPN open collector
0.1 A/point
C
NPN open collector
0.5 A/point
F
PNP open collector
0.1 A/point
G
PNP open collector
0.5 A/point
5. Error Processing
1: HOLD
3: LOAD OFF
5: HOLD/LOAD OFF
6. I/O Delay Time (Typical)/Appearance
5
I/O delay time
Appearance
1
19.2 ms
Screw terminals
2
19.2 ms
Module
6
3 ms
Screw terminals
7
3 ms
Module
Product List
Refer to page 114 for details.
I/O Combinations
Refer to pages 1 to 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com