Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 25Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 26Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 27Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 28Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 29Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 30Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 31Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 32Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
B7A/B7AS
B7A/B7AS
27
B7A-T6C1/-T6C6
(Input, Active High)
Brown (red)
SIG
+
Trans-
mission
line
Blue
(black)
SW
12 to
24 VDC
Black
(white)
Proximity
switch
(PNP
output)
SIG
SIG
IN0
A0
IN1
A1
IN2
A2
IN3
A3
IN4
A4
IN5
A5
IN6
A6
IN7
A7
IN8
A8
IN9
A9
IN10
A10
IN11
A11
IN12
A12
IN13
A13
IN14
A14
IN15
A15
+
B2
B1
+
B0
(–)
(+)
+
B3
+
B4
B5
+
B6
B7
+
B8
B9
+
B10
B11
+
B12
B13
+
B14
B15
IN
12 to 24 VDC
Black
(white)
Blue
(black)
Limit switch
Brown
(white)
Blue
(black)
Two-wire proximity sensor
(with DC output)
Photoelectric sensor
Three-wire proximity sensor with
built-in amplifier (with PNP output)
Brown
(red)
Note:
1. The wire colors have been changed in accordance with the revision of the Japanese Industrial Standards for photoelectric
sensors and proximity sensors. The colors in parentheses refer to the old colors.
2. Do not short-circuit the SIG terminal with the positive power supply terminal, negative power supply terminal, or a B
jj
terminal, otherwise the internal elements of the B7A will be damaged and no transmission will be possible.
A
jj
B
jj
A
jj
B
jj
A
jj
B
jj
B7A-R6B11/-R6B16/-R6B31/-R6B36
(Output, NPN Open Collector)
SIG
+
ERR
12 to
24 VDC
Relay
Relay
Indicator
Trans-
mission
line
SIG
SIG
OUT0
A0
OUT1
A1
OUT2
A2
OUT3
A3
OUT4
A4
OUT5
A5
OUT6
A6
OUT7
A7
OUT8
A8
OUT9
A9
OUT10
A10
OUT11
A11
OUT12
A12
OUT13
A13
OUT14
A14
OUT15
A15
+
B2
+
B1
+
B0
(–)
(+)
+
+
B3
+
B4
+
B5
+
B6
+
B7
+
B8
+
B9
+
B10
+
B11
+
B12
+
B13
+
B14
+
B15
OUT
12 to 24 VDC
ERROR
ERR
Relay
Indicator
Valve
A
jj
B
jj
A
jj
B
jj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com