Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 86 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 86 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 83Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 85Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 86Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 87Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 89Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 90Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
DRT1-B7AC
DRT1-B7AC
84
Communications Specifications
Conformance with DeviceNet
Communications method
CSMA/NBA
Maximum number of connecting
nodes
64 max. (including the master)
The maximum number of slaves that can be connected to the network is 63.
Connection format
Multi-drop, T-branching (main lines/branch lines), and branching (branch lines)
Baud rate
125 Kbps/250 Kbps/500 Kbps (switchable)
Communications distance
Baud rate
Max. network length
Branch line length
Total branch line
length
500 Kbps
100 m max.
6 m max.
39 m max.
250 Kbps
250 m max.
6 m max.
78 m max.
125 Kbps
500 m max.
6 m max.
156 m max.
Length of data packets
0 to 8 bytes
Cables
Cables conforming to DeviceNet standards (2 signal lines; 2 power supply lines: 2; 1 shield
line)
B7A
Communications method
Unidirectional, time-division multiplex
Transmission distance
50 m max. (normal speed); 30 m max. (high speed)
I/O delay time (see note)
High speed: 3 ms, 5 ms max. (typical)
Normal speed: 19.2 ms, 31 ms max. (typical)
Number of ports
3 ports
I/O connection format
FA connector
Number of I/O points
30 points (10
× 3 ports)
Note:
The I/O delay time is selected with a DIP switch.
Nomenclature
DRT1-B7AC
DIP Switch 2
Pins 1 to 3: B7AC baud rate selection
Pins 4 and 5: Not used.
Pins 6 to 8: Setting for sending B7AC communications errors to Master Unit
Indicators
Communications
Connector
Connector for Power
Supply to Internal
Circuits
B7AC Connector
Mounting Hole
DIP Switch 1
Pins 1 to 6: Node address
Pins 7 and 8: Baud rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com