Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 75 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 75 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 71Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 72Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 73Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 74Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 75Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 76Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 77Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 78Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 121 page
background image
B7AC
B7AC
73
Suitable Connectors
Be sure to put the XS2Z-12 Waterproof Cover or XS2Z-15 Dust Cover on any unused connector.
For Input (Connector No. 0 to 9)
XS2G-D4
jj
Assembling connector (crimp-style/solder-type/screw-type) plug
XS2H-D421-
jjj
Cable with a connector (plug) at one end
XS2W-D42
j-jjj
Cable with connectors at both ends (socket and plug)
For Transmission Path and Power Supply Line (Connector No. P)
XS2C-D4
jj
Assembling connector (crimp-style/solder-type/screw-type) socket
XS2F-D42
j-j80
Cable with a connector at one end (socket)
Specifications
Characteristics
General
Communications method
Unidirectional, time-division multiplex
Transmission distance
100 m max.
I/O delay time
Typical: 19.2 ms; 31 ms max.
Minimum input time (see note)
16 ms
Operating voltage range
24 VDC (21.6 to 26.4 VDC)
Insulation resistance
100 M
Ω min. (500 V) between each terminal and external parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between each terminal and external parts
Noise immunity
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs (on transmission line due to coupling)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
300 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing)
Storage:
–25 to 65
°C (with no icing)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Enclosure rating
IEC IP67
Weight
Approx. 420 g
Note:
The minimum input time is required for the B7AC to read an input signal.
Enclosure Rating
• Do not continuously impose external force on the joint of the contact block and cover, otherwise IP67 may not be maintained.
• IP67 does not ensure that the B7AC is perfectly watertight. Do not use the B7AC underwater.
• The case of the B7AC is made of plastic resin. Do not put heavy objects on it.
B7AC-T10A1/B7AC-T10A1-A Input
Compatible inputs
Switches, two-wire sensors, three-wire NPN sensors
Input logic
Active low
Current consumption (see note)
120 mA max. with all input terminals ON
Input voltage range
0 VDC to supply voltage
Input current range
–5.3 to –3.6 mA/point
ON/OFF threshold
No-contact input: ON voltage:
5.5 V max.
OFF voltage: 7.5 V min.
Contact input:
ON discrimination resistance:
1 k
Ω max.
OFF discrimination resistance:
2.1 k
Ω min.
Note:
Consumption when all 10 points are ON. Excludes external sensor current for Input Terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com