Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 92 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 92 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 88Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 89Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 90Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 91Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 92Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 93Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 94Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 95Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 96Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
B7A
B7A
90
10 11 12 13 14 15 16 17 18
10 11 12 13 14 15 16 17 18
I
9
8
7
6
5
4
3
2
1
10 11 12 13 14 15 16 17 18
10 11 12 13 14 15 16 17 18
I
9
8
7
6
5
4
3
2
1
Transmission distance
100 m max.
Input Terminal
Output Terminal
12 to 24 VDC
Connection of Single Power Supply to Input or Output Terminal
Note:
In this example, a VCTF transmission
cable with a thickness of 0.75 mm2 min.
is used, through which a current of 1.2 A
max. can be transmitted.
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
113.5
105
9.5
7.1
8.5
4
37
4.25
12.5
8
45
32
35
4.9
35.3
(32.2)
(14)
P2
Two, 4.5 dia.
mounting
screws
Twenty-three,
M3.5 terminal
screws
4
Screw Terminal Models
Modular Models
B7A-T10M2 (Input)
Mounting Holes
(Top View)
40
30
25.4
3.5
7.62
11
0.5
1.6
Positioning pin 1.4 dia.
2.54
±0.05
20.32
±0.1
25.4
2.54
±0.05
2.54 x 8 = 20.32
±0.1
Eighteen, 1.1
dia holes
Pin No.1
7.62
1.8 dia. hole min.
0.64 x
0.64
+0.1
0
45
25.4
30
3.5
16
0.5
1.6
7.62
2.54
±0.05
20.32
±0.1
Positioning pin 1.4 dia.
B7A-R10MC (Output)
0.64 x
0.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com