Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 10Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 11Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 12Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 13Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 14Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 15Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 16Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 17Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
B7AS
B7AS
12
Specifications
Characteristics
General
Normal speed
High speed
Communications method
Unidirectional, time-division multiplex
Transmission distance
500 m max.
100 m max. (see note 1)
I/O delay time
Typical: 19.2 ms; 31 ms max.
Typical: 3 ms; 5 ms max.
Minimum input time (see note 2)
16 ms
2.4 ms
Operating voltage range
12 to 24 VDC (10.8 to 26.4 VDC)
Insulation resistance
100 M
Ω min. (500 V) between each terminal and external parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between each terminal and external parts
Noise immunity (see note 3)
Noise level: 1.5 kV; pulse width: 100 ns to 1
µs (on transmission line due to coupling)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
300 m/s2
Ambient temperature
Operating: –10 to 55
°C (with no icing or condensation)
Storage:
–25 to 65
°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Note:
1. A shielded transmission cable or a VCTF cable with a thickness of 0.75 mm2 minimum must be used for signal transmission. If the
VCTF cable is used, however, the transmission distance will be 10 m maximum regardless of whether or not independent power
supplies for the Input and the Output Link Terminals are used.
2. The minimum input time is required for the B7A/B7AS to read an input signal.
3. For high-speed models, these values are possible without grounding the shielded line.
Input Models
Item
B7AS-T3BS
Compatible inputs
(see note 1)
Switches, two-wire sensors with DC output, three-wire NPN sensors
Input logic
Active low
I/O delay time
Normal speed (typical 19.2 ms); high speed (typical 3 ms) (see note 3)
Current consumption (see note 2)
240 mA max. with all input terminals ON
Operating voltage range
12 to 24 VDC
Input voltage range
0 VDC to supply voltage
Input current range
–6 to –3 mA/point (see note 4)
Minimum input time
Normal speed: 16 ms; high speed: 2.4 ms
ON/OFF threshold
No-contact input:
ON discrimination voltage:
4 V max.
OFF discrimination voltage:
6 V min.
Contact input:
ON discrimination resistance:
660
Ω max.
OFF discrimination resistance: 2 k
Ω min.
Mounting strength
No damage when 49-N pull is applied for 1 min each in all directions (except in direction of DIN
track)
Terminal strength
No damage when 49-N pull is applied each in all directions
Tightening torque
0.78 to 1.18 N
S m
Weight
Approx. 230 g
Note:
1. Two-wire sensors must satisfy the following requirements:
Residual voltage:
4 V max.
Current leakage:
1.5 mA max.
The lower limit of control output:
3 mA (Use a bleeder resister to eliminate this restriction.)
2. Consumption when all 32 points are ON. Excludes external sensor current consumption.
3. Factory-set to normal speed (typical 19.2 ms).
4. The minus sign indicates that the current is flowing out from input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com