Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 40Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 41Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 42Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 43Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 44Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 45Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 46Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 47Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
B7A
B7A
42
32-point Terminals
B7A-T3E3/-T3E8
(Input, Active Low)
Transmission
line
SIG1
SIG2
+
_
12 to
24 VDC
+
_
Connector
IN00
IN31
to
Terminal
board
_
• SIG1:
IN00 to IN15
SIG2:
IN16 to IN31
Connector
Terminal
board
Terminal No.
Terminal
Terminal No.
Terminal
Terminal No.
Terminal
1
IN00
15
IN12
29
–
2
IN01
16
IN13
30
+
3
IN02
17
IN14
31
IN24
4
IN03
18
IN15
32
IN25
5
IN04
19
–
33
IN26
6
IN05
20
+
34
IN27
7
IN06
21
IN16
35
IN28
8
IN07
22
IN17
36
IN29
9
–
23
IN18
37
IN30
10
+
24
IN19
38
IN31
11
IN08
25
IN20
39
–
12
IN09
26
IN21
40
+
13
IN10
27
IN22
14
IN11
28
IN23
Note:
Do not short-circuit the SIG terminal with a positive or negative power supply terminal, other-
wise the internal elements of the B7A will be damaged and no transmission will be possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com