Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 78 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 78 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 74Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 75Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 76Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 77Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 78Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 80Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 81Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 121 page
background image
B7AC
B7AC
76
Connecting Input Devices
Input Devices
Direct connection
Joint connection
Pre-wired
Pre-wired
pu
e ces
B7AC-
T10A1,
B7AC-
T10A1 A
Limit
switch
WL
j-jK13
D4E-
jj10N
(see note)
XS2W-D42
j-j81-A
WL
j-j-DK1EJj
D4C-
j0jj-DK1EJj
(see note)
Refer to the following
conditions required for
connectable input de-
i
XS2G
T10A1-A
Proximi-
ty sen-
sor
E2E-X2E1-P1
E2E-X5ME1-P1
E2E-X5E1-P1
E2E-X10ME1-P1
E2E-X10E1-P1
E2E-X18ME1-P1
E2E-X3D1-M1J-T
E2E-X7D1-M1J-T
E2E-X10D1-M1J-T
vices.
Photo-
electric
sensor
E3S-AT16
E3S-AT66
E3S-AD16
E3S-AD17
E3S-AD66
E3S-AD67
E3S-AR16
E3S-AR66
E3S-AT11-M1J
E3S-AT61-M1J
B7AC-
T10A1-B
Limit
switch
D4CC
WL
j-j-M1GJ
D4C-
j0jj-M1GJ
Proximi-
ty sen-
sor
E2E-X2E1-M1
E2E-X5ME1-M1
E2E-X5E1-M1
E2E-X10ME1-M1
E2E-X10E1-M1
E2E-X18ME1-M1
E2E-X3D1-M1GJ-T
E2E-X7D1-M1GJ-T
E2E-X10D1-M1GJ-T
Photo-
electric
sensor
E3S-AT36
E3S-AT86
E3S-AD36
E3S-AD37
E3S-AD86
E3S-AD87
E3S-AR36
E3S-AR86
E3S-AT31-M1GJ
E3S-AT81-M1GJ
Note:
Normally open connection is possible with the limit switches listed in the above table.
Input Device Connection Conditions
Two-wire DC Sensor
Residual voltage:
5 V max.
Leakage current:
1.5 mA max.
Lower limit of control output:
3 mA max.
Three-wire NPN Sensor
Residual voltage: 5 V max.
Contact Switch
Leakage current: 1.5 mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com