Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 3Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 4Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 5Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 6Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 7Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 8Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 9Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 10Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
B7A
B7A
5
CS1 and C200HX/C200HG/C200HE/C200HS/C200H B7A Interface Units
Note:
Use combinations of B7A Interface Units and B7A LInk Terminals with the same I/O delay time. The I/O delay time (high speed:
typically 3 ms; normal speed: typically 19.2 ms) can be switched for B7A Interface Units (except for C200H-B7AI1 and
C200H-B7AO1) and 32-point B7A screw terminal models using a selection switch. Set the same I/O delay time for connected
Units.
16-point Input (Transmission)
Models
CS1/C200H Series
16-point Output
(Reception) Models
B7AS
C200H-B7A22
(32 input and 32 output points)
C200H-B7A21
(16 input and 16 output points)
C200H-B7A12 (32 inputs)
C200H-B7AI1 (16 inputs)
C200H-B7A02 (32 outputs)
C200H-B7AO1 (16 outputs)
Screw terminal model
(32 points)
Screw terminal model
(16 output points)
Modular model (16 points)
B7A
Hybrid IC model (16 points)
B7AH
PLC connector model
(16 points)
B7A
PLC connector model
(32 points)
B7A
Input/output model
Input model
Output model
Note:
Two 16-type models can be used to connect
to 32-point models.
Screw terminal model
(16 points)
B7A
B7AS
Relay-mounted screw terminal
model (16 points)
G70D-R6
jj1-B7A
Note:
Only the normal I/O delay
time (typically 19.2 ms) is
available.
Modular model (16 points)
B7A
Hybrid IC model (16 points)
B7AH
PLC connector model
(16 points)
B7A
PLC connector model
(32 points)
B7A
B7A
B7AS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com