Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7AH-R6D53 Datasheet(PDF) 103 Page - Omron Electronics LLC

Part # B7AH-R6D53
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 Datasheet(HTML) 103 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 99Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 100Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 101Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 102Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 103Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 104Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 105Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 106Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 107Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 121 page
background image
B7A
B7A
101
Peripheral Circuits of Modular Model
Input Interface Circuit
The modular model has a minimum ON discrimination voltage of 2.2
V and a maximum OFF discrimination voltage of 0.8 V, which are
suitable for TTL circuits. If sensors are used for input, the following
input circuits are required.
Two-wire DC Sensor Input
If a two-wire DC sensor is used for input, current limit resistor R1 and
leakage current diverter R2 are required as shown in the diagram
below. The following table lists R1 and R2 values for the E2E-XD-N
Two-wire DC Proximity Sensor (with a current leakage of 0.8 mA
maximum, a residual voltage of 3 V maximum, and a minimum con-
trol output current of 3 mA).
Input Interface (E2E-XD-N)
Supply voltage
12 V
24 V
R1
1,800
Ω
5,600
Ω
R2
820
Ω
820
Ω
R1
R2
+
–
IN
Two-wire DC
proximity sensor
Interior of B7A
Input with B7A and Common Power Supply
(12 to 24 VDC) (10-point Modular Model only)
The 10-point modular model has an input voltage range of 0 to 5
VDC. If a common power supply is connected, current limit resistor
R3 is required as shown in the diagram below. Use the following for-
mula to calculate the value of R3.
R3 =
– 2,200 (
Ω)
Supply voltage VS (V) – 1.4 (V)
Input current (2 x 10–3 (A))
Note:
The 16-point module’s input voltage range is 0 V to the
power supply voltage. Therefore no current limit resis-
tor is required.
+
–
IN
Vs (12 to 24 VDC)
R3
2.2 k
Ω
Interior of B7A
Noise Protection Circuits
If there is a possibility of noise interference from the power supply, input, and/or output lines, add the following noise protection circuits.
Power supply noise protection circuit
Input noise protection circuit
Output noise protection circuit
12 to
24 VDC
R
C
+
+
–
B7A
R: 10 to 20
Ω (1/8 W min.)
C: 33
µF min with a dielectric strength of 50 V min
+
–
IN
C
V
R
B7A
V1N
Input device
Photocoupler
C: 0.1
µF min.
R: Photocoupler input current limit resistor
Load
R
V
OUT
B7A
+
–
ZD
Photocoupler
R: Photocoupler input current limit resistor
ZD: VZD = 36 V (with a power consumption
of 1 W min.)
C: 33
µF min. with a dielectric strength of 50 V min.
B7A
–
IN
ZD
Input device
ZD: VZD = 36 V
(with a power consumption of 1 W min.)
ZD
OUT
B7A
+
–
ZD: VZD = 36 V
(with a power consumption
of 1 W min.)
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com