Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 172 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 8
MC68HC705V8 Specification Rev. 2.1
1.4
MCU STRUCTURE
The overall block diagram of the MC68HC705V8 is shown in Figure 1-6.
Figure 1-6:
MC68HC705V8 Block Diagram
STK PTR
WATCHDOG
OSCILLATOR
COND CODE REG 1 1 1
I N Z C
H
INDEX REG
CPU CONTROL
0 0 0
1
1
0
0
0
0
0
RESET
OSC 1
OSC 2
SRAM -512 BYTES
USER EPROM -12K BYTES
IRQ
ALU
68HC05 CPU
ACCUM
PROGRAM COUNTER
CPU REGISTERS
÷2
PA7 *
PA0 *
PA1 *
PA2 *
PA3 *
PA4 *
PA5 *
PA6 *
VSSD
* IRQ Interrupt Capability
1
EEPROM -128 BYTES
16-BIT TIMER with
1 IPC & 1 OPC
PB7/TCAP
PB0
PB1
PB2
PB3
PB4
PB5
PB6/TCMP
PC7 *
PC0 *
PC1 *
PC2 *
PC3 *
PC4 *
PC5 *
PC6 *
MCU POWER SUPPLY
REGULATION
VDD
LVR
VBATT/VPP
1 Channel
38 frequency, 6-bit PWM
Internal
VDD
SPI
PF3/MISO
PF2/MOSI
PF1/SCLK
PWM
VSSD
AD0/PD0
AD1/PD1
AD2/PD2
AD3/PD3
AD4/PD4
AD5/PD5
AD6/PD6
AD7/PD7
AD8/PE0
AD9/PE1
AD10/PE2
AD11/PE3
AD12/PE4
AD13/PE5
AD14/PE6
AD15/PE7
VREFH
VREFL
MDLC
LOAD
BUS
REXT2
REXT1
VSSA2
Port E not bonded out
in 56-pin SDIP
PF0/SS
Interrupt
VSSA1
VCCA
To A/D
VCC
VIGN
CLKIN
8-BIT TIMER with RTI
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com