Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 64 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 172 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 53
MC68HC705V8 Specification Rev. 2.1
This bit has no affect unless the REGEN bit in the MOR is set. This bit is not affected by
reset and must be initialized by software.
7.3
POWER MODING
A flow diagram depicting all conditions that the MCU could enter is shown in Figure 7-2.
The chip can be operated in one of three distinct power modes. The first mode is "Power
off". In this mode, the chip is not being powered from any source. The VBATT pin voltage is
below that required by the regulator circuit to provide an output voltage that is within
regulation limits.
The second mode is "Standby power". In this mode, the VBATT voltage is above the
required minimum, but the user has not turned the primary regulator on. The secondary
regulator and the power mode logic are powered up. Standby mode can be exited by either
reducing the VBATT voltage or by turning the primary regulator on.
The third mode is "Power up" mode. In this mode the CPU and peripherals can perform
their normal processing tasks. The only way to exit from this mode is to lose regulator
output power. Losing regulator output power can happen in one of three ways: 1) the VBATT
voltage can fall below the required minimum level causing VDD to fall below minimum, 2)
software can turn the primary regulator off, and 3) some sort of fault on the external VDD
pin. In any case, the LVR reset will be asserted to protect the system as the VDD voltage is
falling.
Transitioning between these states is referred to as power moding.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com