Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 172 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 60
MC68HC705V8 Specification Rev. 2.1
bandwidth and effectiveness of the network.
Figure 7-7: HC705V8 Internal Power Routing
1) VDD to VSSD (pins 30 & 31): On-chip regulator output decoupling. As with any regulator,
the output must be adequately decoupled to maintain stability of the regulator. Decouple with
at least 10 uF tantalum or aluminum electrolytic bulk in parallel with 0.1 uF ceramic or polysty-
rene capacitor for high frequency (HF) stability. Locate both capacitors as close as possible to
PF3/MISO
PF2/MOSI
PF1/SCLK
PF0/SS
PB0
PB1
PB2
PB3
PB4
PB5
PB6/TCMP
PB7/TCAP
VSSA2
LOAD
BUS
VPP
N.C.
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PE7/AN15
PE6/AN14
PE5/AN13
PE4/AN12
PD7/AN7
PD6/AN6
PD5/AN5
PD4/AN4
PD3/AN3
Regulator
DLC
A/D
R
R ~ 40 ohms
Digital Logic
Blocks
68-pin PLCC package shown
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com