Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 46 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 172 page
background image
SECTION 5: INTERRUPTS
Page 35
MC68HC705V8 Specification Rev. 2.1
SECTION 5
INTERRUPTS
The MCU can be interrupted seven different ways:
1. Nonmaskable Software Interrupt Instruction (SWI)
2. External Asynchronous Interrupt (IRQ)
3. External Interrupt via IRQ on PA0-PA7, PC0-PC7
4. Internal 16-bit Timer Interrupt (TIMER)
5. Internal Serial Peripheral Interface Interrupt (SPI)
6. Internal MDLC Interrupt (MDLC)
7. Internal 8-bit Timer Interrupt
5.1
CPU INTERRUPT PROCESSING
Interrupts cause the processor to save register contents on the stack and to set the interrupt
mask (I-bit) to prevent additional interrupts. Unlike RESET, hardware interrupts do not
cause the current instruction execution to be halted, but are considered pending until the
current instruction is complete.
If interrupts are not masked (I-bit in the CCR is clear) and the corresponding interrupt
enable bit is set the processor will proceed with interrupt processing. Otherwise, the next
instruction is fetched and executed. If an interrupt occurs the processor completes the
current instruction, then stacks the current CPU register states, sets the I-bit to inhibit
further interrupts, and finally checks the pending hardware interrupts. If more than one
interrupt is pending following the stacking operation, the interrupt with the highest vector
location shown in Table 5-1 will be serviced first. The SWI is executed the same as any
other instruction, regardless of the I-bit state.
When an interrupt is to be processed the CPU fetches the address of the appropriate
interrupt software service routine from the vector table at locations $3FF2 through $3FFF
as defined in Table 5-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com