Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 98 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 172 page
background image
SECTION 13: PULSE WIDTH MODULATOR
Page 87
MC68HC705V8 Specification Rev. 2.1
Reads of this register will always result in the read of the PWM Data Register and not the
buffer.
Upon RESET the user should write to the data register prior to enabling the PWM system
(for example, prior to setting the PSA and PSB bits for PWM input clock rate). This will avoid
an erroneous duty cycle from being driven. During regular user mode the user should write
to the PWM Data data register after writing the PWM Control Register.
Figure 13-4:
PWM Write Sequences
13.2.1
PWM CONTROL
Figure 13-5:
PWM Control Register
PSA1, PSA0, PSB3-PSB0- PWM Clock Rate
These bits select the input clock rate and determines the period, as shown in Table 13-1.
Note that some output frequencies can be obtained with more than one combination of PSA
and PSB values. For instance a PWM output of E/512 can be obtained with either
PSA1:PSA0 = 10 and PSB3-PSB0 = 0001 or PSA1:PSA0 = 01 and PSB3-PSB0 = 1000.
This scheme allows for 38 unique frequency selections.
Table 13-1:
PWM Clock Rate
PSA1:PSA0
PSB3-PSB0
RCLK
SCLK
PWM OUT
00
xxxx
off
off
off
01
0000-1111
fosc/1
fosc/1-fosc/16
fosc/64-
fosc/1024
10
0000-1111
fosc/8
fosc/8-fosc/128
fosc/512-
fosc/8192
11
0000-1111
fosc/16
fosc/16-fosc/
256
fosc/1024-
fosc/16384
Initialize PWM Data 0
Write PWM CONTROL
OR RESET
POR
Write PWM CONTROL
Write PWM Data 1
N
Y
PSA1
--
--
PSB2
PSB1
PSB0
PSA0
$31
0
--
0000
0
RESET:
--
PSB3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com