Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 67 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 172 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 56
MC68HC705V8 Specification Rev. 2.1
NOTE:
If the LVR option is enabled, reset will be asserted when VDD drops to the
appropriate level.
NOTE:
Before the PDC bit is written to a 0, the state of the IGNS bit should be
debounced in software. This will ensure that the primary regulator does
not power up with any bounce that may be present on VIGN.
7.4.1
MASK OPTIONS
The regulator has three mask options associated with it. The first one is the MDLCPU
option. If this option is enabled, a rising edge on the MDLC BUS pin or the VIGN pin will
bring the primary regulator out of the Standby power mode. If this option is not enabled,
only the VIGN pin will bring the primary regulator out of the Standby power mode.
The second mask option is the VDDC option. This option, if enabled, will enable an active
pulldown device, connected between VDD and VSS, to turn on when the primary regulator
is disabled. This option should not be selected if an external voltage regulator is being used.
The third mask option is the regulator enable option. If it is not desired to use the on-board
voltage regulator, this option should not be selected. In this case the secondary regulator
will still remain active in order to properly keep the primary regulator turned off. While the
regulator is not enabled the MDLCPU option will remain operational but will serve no
purpose. The VDDC option and the MISCELLANEOUS register will continue to operate
normally. The VDDC function (VDD to VSS clamping device) uses the PDC bit to determine
when to turn the clamping device on. If this option is enabled and the PDC bit is written to
a "0", the clamping device will turn on. It will not turn off until a rising edge is detected on
VIGN or a rising edge on the BUS pin is detected provided the MDLCPU option is selected.
If the configuration shown in Figure 7-4 is used with the regulator enable option selected,
the MDLCPU and VDDC options may be selected. In addition, software must write a ’1’ to
the PDC bit in the miscellaneous register to initialize it after power-up. This prevents read-
modify-write instructions to the MISCELLANEOUS register from accidentally clearing the
PDC bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com