Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 172 page
background image
SECTION 10: A/D CONVERTER
Page 71
MC68HC705V8 Specification Rev. 2.1
SECTION 10
A/D CONVERTER
The MC68HC705V8 includes a 16 channel, 8-bit, multiplexed input, successive
approximation A/D converter. When the device is packaged (in a 56-pin SDIP), pin number
restrictions require that 8 channels, AN8 through AN15, are not bonded out.
10.1
ANALOG SECTION
10.1.1
RATIOMETRIC CONVERSION
The A/D is ratiometric, with two dedicated pins supplying the reference voltages (V
REFH
and V
REFL
)
. An input voltage equal to V
REFH converts to $FF (full scale) and an input
voltage equal to V
REFL converts to $00. An input voltage greater than VREFH will convert
to $FF with no overflow indication. For ratiometric conversions, the source of each analog
input should use V
REFH as the supply voltage and be referenced to VREFL.
10.1.2
V
REFH AND VREFL
The reference supply for the converter uses two dedicated pins rather than being driven
by the system power supply lines because the voltage drops in the bonding wires of those
heavily loaded pins would degrade the accuracy of the A/D conversion. V
REFH and VREFL
can be any voltage between V
SSA1 and VCCA, as long as VREFH > VREFL; however, the
accuracy of conversions is tested and guaranteed only for V
REFL = VSSA1
and V
REFH = VCCA.
10.1.3
ACCURACY AND PRECISION
The 8-bit conversions shall be accurate to within
± 1 1/2 LSB including quantization.
10.2
CONVERSION PROCESS
The A/D reference inputs are applied to a precision internal digital-to-analog converter.
Control logic drives this D/A and the analog output is successively compared to the
selected analog input which was sampled at the beginning of the conversion time. The
conversion process is monotonic and has no missing codes.
10.3
DIGITAL SECTION
10.3.1
CONVERSION TIMES
Each channel of conversion takes 32 clock cycles, which must be at a frequency equal to
or greater than 1 MHz.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com