Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 81 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 172 page
background image
SECTION 9: PARALLEL I/O
Page 70
MC68HC705V8 Specification Rev. 2.1
Figure 9-3:
Port D and Port E Circuitry
9.4
PORT F
Port F is a 4-bit bidirectional port which shares all of its pins with the SPI subsystem. If the
SPI is enabled, Port F3-1 are disabled as regular I/O pins. PF0 can still function as an
output if the DDR bit is set. Each Port F pin is controlled by the corresponding bits in a data
direction register and a data register. The Port F Data Register is located at address $002C.
The Port F Data Direction Register (DDRF) is located at address $002E. Reset clears the
DDRF register. The Port F Data Register is unaffected by reset. Port F is shared with the
SPI.
9.4.1
PORT F DATA REGISTER
Each Port F I/O pin has a corresponding bit in the Port F Data Register. When a Port F pin
is programmed as an output the state of the corresponding data register bit determines the
state of the output pin. When a Port F pin is programmed as an input, any read of the Port
F Data Register will return the logic state of the corresponding I/O pin. The Port F data
register may be read even if the SPI subsystem is enabled. The Port F data register is
unaffected by reset.
9.4.2
PORT F DATA DIRECTION REGISTER
Each Port F I/O pin may be programmed as an input by clearing the corresponding bit in
the DDRF, or programmed as an output by setting the corresponding bit in the DDRF. The
DDRF can be accessed at address $002E. If the SPI subsystem is enabled (SPE bit is set),
the DDRF bit corresponding to PF0 will determine the function of the PF0 pin. If DDRF0 is
cleared, the PF0 pin functions as a SS (slave select) input to the SPI. If DDRF0 is set, then
PF0 can serve as a normal output pin. When the SPI subsystem is enabled, the DDRF3-1
bits are set or cleared according to the required pin function. The DDRF is cleared by reset.
Read $0003/2B
Input
Pin
Internal HC05
Data Bus
VSS
To A/D Sampling Circuitry
To A/D Channel Select Logic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com