Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
SECTION 5: INTERRUPTS
Page 38
MC68HC705V8 Specification Rev. 2.1
5.2
RESET INTERRUPT SEQUENCE
The RESET function is not in the strictest sense an interrupt; however, it is acted upon in a
similar manner, as shown in Figure 5-1. A low level input on the RESET pin or internally
generated RST signal causes the program to vector to its starting address which is
specified by the contents of memory locations $3FFE and $3FFF. The I-bit in the condition
code register is also set. The MCU is configured to a known state during this type of reset
as described in SECTION 6 RESETS.
5.3
SOFTWARE INTERRUPT (SWI)
The SWI is an executable instruction and a non-maskable interrupt since it is executed
regardless of the state of the I-bit in the CCR. If the I-bit is zero (interrupts enabled), the
SWI instruction executes after interrupts that were pending before the SWI was fetched, or
before interrupts generated after the SWI was fetched. The interrupt service routine
address is specified by the contents of memory locations $3FFC and $3FFD.
5.4
HARDWARE INTERRUPTS
All hardware interrupts except RESET are maskable by the I-bit in the CCR. If the I-bit is
set, all hardware interrupts (internal and external) are disabled. Clearing the I-bit enables
the hardware interrupts. There are two types of hardware interrupts that are explained in
the following sections.
5.5
EXTERNAL INTERRUPT (IRQ)
The IRQ pin provides an asynchronous interrupt to the CPU. A block diagram of the IRQ
function is shown in Figure 5-2.
NOTE:
The BIH and BIL instructions will only apply to the level on the IRQ pin
itself, and not to the output of the logic OR function with the Port A and
Port C IRQ interrupts. The state of the individual Port A and Port C pins
can be checked by reading the appropriate Port A and Port C pins as
inputs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com