Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 172 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 12
MC68HC705V8 Specification Rev. 2.1
is enabled, all the Port C pins will act as negative edge sensitive IRQ sources. See
SECTION 9 PARALLEL I/O for more details on the I/O ports.
1.5.13
AD0-AD7 / PD0-PD7: AD8-AD15/PE0-PE7
When the A/D converter is disabled, PD0-PD7 and PE0-PE7 are general purpose input
pins. The A/D converter is disabled upon exiting from reset. When the A/D converter is
enabled, one of these pins is the analog input to the A/D converter. The A/D control register
contains control bits to direct which of the analog inputs are to be converted at any one
time. A digital read of this pin when the A/D converter is enabled results in a read of logical
zero from the selected analog pin. A digital read of the remaining pins gives their correct
(digital) values. A/D inputs AD8-AD15 (Port E) are not bonded out in the 56-pin package.
See SECTION 10 A/D CONVERTER for more details on the operation of the A/D
subsystem.
1.5.14
PWM
This pin provides an output for the pulse width modulation feature of the on-chip
programmable timer. See SECTION 13 PULSE WIDTH MODULATOR for more details on
the operation of the PWM subsystem.
1.5.15
PF0/SS, PF1/SCK, PF2/MOSI, PF3/MISO
These four I/O lines comprise Port F. The state of any pin is software programmable and
all Port F lines are configured as inputs during power-on or reset. See SECTION 9
PARALLEL I/O for more details on the I/O ports. When the SPI subsystem is enabled, PF0-
PF3 become the data, clock and select lines for the SPI. See SECTION 14 SERIAL
PERIPHERAL INTERFACE for more details on the operation of the SPI subsystem.
1.5.16
BUS, LOAD, REXT1, REXT2
These pins provide the I/O interface and external biasing functions for the MDLC
subsystem. See SECTION 15 MESSAGE DATA LINK CONTROLLER for more details on
the operation of the MDLC subsystem. The regulator control logic monitors the BUS pin and
latches a rising edge to re-enable the primary voltage regulator if this mask option is
enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com