Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 8Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 9Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 10Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 11Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 12Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 13Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 14Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 172 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 1
MC68HC705V8 Specification Rev. 2.1
SECTION 1
GENERAL DESCRIPTION
The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a
Message Data Link Controller (MDLC) module and on-chip power regulation. The device
is available packaged in a 56-pin SDIP, 68-pin PLCC, or 64-pin QFP. A functional block
diagram of the MC68HC705V8 is shown in Figure 1-6.
1.1
FEATURES
•
Low cost, HC05 Core
•
12K Bytes of User EPROM
•
512 Bytes of User RAM
•
128 Bytes of byte erasable EEPROM
-
Byte writeable
-
Byte, Block or Bulk erasable
•
Message Data Link Controller (MDLC) module
•
16-channel 8-bit A/D converter (8 channels available in 56 SDIP version)
•
Full function Serial Peripheral Interface (SPI)
•
On-Chip Oscillator for Crystal/Ceramic Resonator
•
8-bit timer with Real Time Interrupt
•
16-bit timer with 1 input capture and 1 output compare
•
38 frequency 6-bit PWM
•
COP Watchdog System
•
22 general purpose I/O pins, 16 with interrupt wake-up capability
6 I/O pins muxed with Timer and SPI pins. 16 Input Only pins muxed with
A/D.
•
Mask option Low Voltage Reset (LVR).
•
On-chip 5V MCU power regulator (mask option to disable)
•
Power Saving STOP and WAIT Mode Instructions
(Mask Selectable STOP Instruction Disable)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com