Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 96 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 172 page
background image
SECTION 13: PULSE WIDTH MODULATOR
Page 85
MC68HC705V8 Specification Rev. 2.1
SECTION 13
PULSE WIDTH MODULATOR
The pulse width modulator (PWM) system has one 6-bit channel (PWMA). Preceding the
6-bit (
÷64) PWM are two programmable prescalers.The PWM frequency is selected by
choosing the desired divide option from the programmable prescalers. Note that the PWM
clock input is fosc, which is twice the bus frequency. The PWM frequency will be fosc/
(PSA+PSB+64) where PSA and PSB are the values selected by the A and B prescaler and
64 comes from the 6-bit modulus counter. See Table 13-1 for precise values. E is the
internal bus frequency fixed to half of the external oscillator frequency.
Figure 13-1:
PWM Block Diagram
13.1
FUNCTIONAL DESCRIPTION
The PWM is capable of generating signals from 0% to 100% duty cycle. A $00 in the PWM
Data Register yields an “low” output (0%), but a $3F yields a duty of 63/64. To achieve the
100% duty (“high” output), the polarity control bit is set to zero while the data register has
$00 in it.
When not in use, the PWM system can be shut off to save power by clearing the clock rate
select bits PSA0 and PSA1 in PWMCR.
Writes to the PWM data register are buffered and can therefore be performed at any time
without affecting the output signal. When the PWM subsystem is enabled, a write to the
PWM Control Register will become effective immediately.
6-BIT COUNTER
(
÷64)
PWM DATA
REGISTER
MODULUS &
COMPARATOR
PWM
PIN LOGIC
PWMA
÷1, ÷8, ÷16
fosc
PWM CONTROL REGISTER and BUFFER
PWM DATA
BUFFER
SCLK
÷1-16
RCLK
Integer divide
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com