Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 172 page
background image
SECTION 8: LOW-POWER MODES
Page 65
MC68HC705V8 Specification Rev. 2.1
Figure 8-2:
STOP/WAIT Flowcharts
8.1.2
WAIT INSTRUCTION
The WAIT instruction places the MCU in a low-power mode, which consumes more power
than the STOP Mode. In the WAIT Mode the internal processor clock is halted, suspending
all processor and internal bus activity. Internal timer clocks remain active, permitting
interrupts to be generated from the timer or a reset to be generated from the COP
Watchdog Timer. Execution of the WAIT instruction automatically clears the I-bit in the
Condition Code Register. All other registers, memory, and input/output lines remain in their
previous states.
MDLC
Bus
Edge?
Y
N
1.
Fetch Reset Vector
or
2.
Service Interrupt
a.
Stack
b.
Set I-Bit
c.
Vector to Interrupt Routine
WAIT
STOP MOR
bit set?
Y
N
External
RESET?
Y
N
IRQ
External
Interrupt?
Y
N
Stop External Oscillator,
Stop Internal Timer Clock,
and Reset Startup Delay
Restart External Oscillator,
and Stabilization Delay
Stop Internal Processor Clock,
Clear I-Bit in CCR,
End
of Startup
Delay
Y
N
IRQ
External
Interrupt?
Y
N
External Oscillator Active,
and Internal
Timer Clock Active
Restart
Internal Processor Clock
Stop Internal Processor Clock,
Clear I-Bit in CCR,
TIMER
Internal
Interrupt?
Y
N
External
RESET?
Y
N
STOP
MDLC
Bus
Edge?
Y
N
Port A
or C Falling
Edge?
Y
N
Port A
or C Falling
Edge?
Y
N
Reset Chip
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com