Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 172 page
background image
SECTION 3: EPROM AND EEPROM
Page 25
MC68HC705V8 Specification Rev. 2.1
1- The MOR register contents are placed into the memory map at location
$3C00.
The contents of the MOR register can be read/written only if this bit is set and is available
in any operating mode. This bit must be set when the MOR byte is being programmed.
LATCH - EPROM Latch Control
This bit latches the address and data bus when a write to the EPROM array is performed.
NOTE:
The EPROM array cannot be read while this bit is set.
0 - EPROM address and data bus configured for normal reads.
1 - EPROM address and data bus configured for programming.
EPGM - EPROM Program Control
READ: Any time
WRITE: Cleared any time, Set only if LATCH=1
This bit controls the programming voltage to the EPROM array. EPGM can not be set if
LATCH is not already set. EPGM is automatically cleared when LATCH = 0.
NOTE:
LATCH and EPGM cannot both be set on the same write.
0 - Programming power switched off to the EPROM array.
1 - Programming power switched on to the EPROM array.
The sequence for programming the EPROM is as follows:
1. Set the LATCH bit. If programming the MOR byte, also set the MORON bit.
2. Write the data to be programmed to the EPROM (or MOR byte) location to be
programmed.
3. Set the EPGM bit.
4. Wait a time tEPGM
5. Clear the LATCH, MORON (if programming the MOR byte) and EPGM bits.
6. Repeat for each byte.
3.3
MASK OPTION REGISTER (MOR) $3C00
The Mask Option Register (MOR) is used to select all mask options available on the
MC68HC705V8.
When in the erased state, the EPROM cells will read as a logic zero
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com