Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 93 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 172 page
background image
SECTION 12: CORE TIMER
Page 82
MC68HC705V8 Specification Rev. 2.1
As seen in Figure 6-1, the internal peripheral clock is divided by four then drives an 8-bit
ripple counter. The value of this 8-bit ripple counter can be read by the CPU at any time by
accessing the Core Timer Counter Register (CTCR) at address $09. A timer overflow
function is implemented on the last stage of this counter, giving a possible interrupt rate of
the Internal Peripheral clock(E)/1024. This point is then followed by two more stages, with
the resulting clock (E/2048) driving the Real Time Interrupt circuit (RTI). The RTI circuit
consists of three divider stages with a 1 of 4 selector. The output of the RTI circuit is further
divided by eight to drive the mask optional COP Watchdog Timer circuit. The RTI rate
selector bits, and the RTI and CTOF enable bits and flags are located in the Timer Control
and Status Register at location $08.
12.1
CORE TIMER CTRL & STATUS REGISTER (CTCSR) $08
The CTCSR contains the timer interrupt flag, the timer interrupt enable bits, and the real
time interrupt rate select bits. Figure 12-2 shows the value of each bit in the CTCSR when
coming out of reset.
Figure 12-2:
Core Timer Control and Status Register
12.1.1
CTOF - Core Timer Over Flow
CTOF is a read-only status bit set when the 8-bit ripple counter rolls over from $FF to $00.
Clearing the CTOF is done by writing a ‘1’ to TOFC. Writing to this bit has no effect. Reset
clears CTOF.
12.1.2
RTIF - Real Time Interrupt Flag
The Real Time Interrupt circuit consists of a three stage divider and a 1 of 4 selector. The
clock frequency that drives the RTI circuit is E/2**11 (or E/2048) with three additional
divider stages giving a maximum interrupt period of 7.8 milliseconds at a bus rate of 2.1
MHz. RTIF is a clearable, read-only status bit and is set when the output of the chosen (1
of 4 selection) stage goes active. Clearing the RTIF is done by writing a “1” to RTFC.
Writing has no effect on this bit. Reset clears RTIF.
12.1.3
TOFE - Timer Over Flow Enable
When this bit is set, a CPU interrupt request is generated when the CTOF bit is set. Reset
clears this bit.
12.1.4
RTIE - Real Time Interrupt Enable
When this bit is set, a CPU interrupt request is generated when the RTIF bit is set. Reset
clears this bit.
12.1.5
TOFC - Timer Over Flow Flag Clear
When a “1” is written to this bit, CTOF is cleared. Writing a “0” has no effect on the CTOF
bit. This bit always reads as zero.
CTOF
TOFE
RTIE
TOFC
RTFC
RT1
RT0
RTIF
$08
0
000011
0
RESET:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com