Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 90 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 172 page
background image
SECTION 11: 16-BIT TIMER
Page 79
MC68HC705V8 Specification Rev. 2.1
11.4.6
OLVL - Output Level
Value of output level is clocked into output level register by the next successful
output compare and will appear on the TCMP pin
1 - High output
0 - Low output
11.5
TIMER STATUS REGISTER (TSR) - $13
The TSR is a read-only register containing three status flag bits.
Figure 11-4:
Timer Status Register - $13
11.5.1
ICF - Input Capture Flag
1 - Flag set when selected polarity edge is sensed by input capture edge
detector
0 - Flag cleared when TSR and input capture low register ($15) are accessed
Reset clears this bit.
11.5.2
OCF - Output Compare Flag
1 - Flag set when output compare register contents match the free-running
counter contents
0 - Flag cleared when TSR and output compare low register ($17) are
accessed
Reset clears this bit.
11.5.3
TOF - Timer Overflow Flag
1 - Flag set when free-running counter transition from $FFFF to $0000 occurs
0 - Flag cleared when TSR and counter low register ($19) are accessed
Reset clears this bit.
11.5.4
Bits 0-4 - Not used
Always read zero.
Accessing the timer status register satisfies the first condition required to clear status bits.
The remaining step is to access the register corresponding to the status bit.
A problem can occur when using the timer overflow function and reading the free-running
counter at random times to measure an elapsed time. Without incorporating the proper
precautions into software, the timer overflow flag could unintentionally be cleared if:
1. The timer status register is read or written when TOF is set, and
2. The MSB of the free-running counter is read but not for the purpose of
servicing the flag.
ICF
OCF
TOF
00000
RESET
$13
00
0
0
0
0
00
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com