Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 172 page
background image
SECTION 11: 16-BIT TIMER
Page 77
MC68HC705V8 Specification Rev. 2.1
accompany a successful output compare provided the corresponding interrupt enable bit
(OCIE) is set. After a processor write cycle to the output compare register containing the
MSB ($16), the output compare function is inhibited until the LSB ($17) is also written. The
user must write both bytes (locations) if the MSB is written first. A write made only to the
LSB ($17) will not inhibit the compare function. The free-running counter is updated every
four internal bus clock cycles. The minimum time required to update the output compare
register is a function of the program rather than the internal hardware.
The processor can write to either byte of the output compare register without affecting the
other byte. The output level (OLVL) bit is clocked to the output level register regardless of
whether the output compare flag (OCF) is set or clear.
11.3
INPUT CAPTURE REGISTER - $14:$15
Two 8-bit registers, which make up the 16-bit input capture register, are read-only and are
used to latch the value of the free-running counter after the corresponding input capture
edge detector senses a defined transition. The level transition that triggers the counter
transfer is defined by the corresponding input edge bit (IEDG). Reset does not affect the
contents of the input capture register.
The result obtained by an input capture will be one more than the value of the free-running
counter on the rising edge of the internal bus clock preceding the external transition. This
delay is required for internal synchronization. Resolution is one count of the free-running
counter, which is four internal bus clock cycles.
The free-running counter contents are transferred to the input capture register on each
proper signal transition regardless of whether the input capture flag (ICF) is set or clear.
The input capture register always contains the free-running counter value that corresponds
to the most recent input capture.
After a read of the input capture register MSB ($14), the counter transfer is inhibited until
the LSB ($15) is also read. This characteristic causes the time used in the input capture
software routine and its interaction with the main program to determine the minimum pulse
period. A read of the input capture register LSB ($15) does not inhibit the free-running
counter transfer since they occur on opposite edges of the internal bus clock.
Figure 11-2:
TCAP Timing
TCAP
tTLTL
tTL
tTH
See control timing specifications for TCAP timing requirements.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com