Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 34 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 30Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 31Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 172 page
background image
SECTION 3: EPROM AND EEPROM
Page 23
MC68HC705V8 Specification Rev. 2.1
SECTION 3
EPROM AND EEPROM
The MC68HC705V8 contains EPROM and EEPROM Memory. This section describes the
programming mechanisms for each type of memory.
3.1
EPROM BOOTLOADER
Bootloader Programming Mode is entered upon the rising edge of RESET if the IRQ pin is
at VTST and the PB7 pin is at logic one. The Bootloader code resides in the ROM from
$3C00 to $3FEF. This program handles copying of user code from an external EPROM into
the on-chip EPROM.
The user code must be a one-to-one correspondence with the internal EPROM addresses.
3.1.1
BOOTLOADER FUNCTIONS
Three pins are used to select various bootloader functions. These pins are PC2, PC1 and
PC0. PC3 and PC4 are tied to logic zero. Two other pins, PC7 and PC6 are used to drive
the PROG LED and the VERF LED respectively. The programming modes are shown in
Table 3-1.
Table 3-1:
Bootloader Functions
3.2
EPROM PROGRAMMING
The EPROM array is programmed through manipulation of the Programming Register
located at $000D. It maybe programmed in user, bootstrap or test mode. The schematic of
the EPROM programmer using the bootstrap firmware is shown in Figure 3-1. In addition
to the main EPROM array, the Mask Option Register must also be programmed
appropriately by the programming software.
PC2
PC1
PC0
MODE
0
0
0
Program/Verify EPROM
0
0
1
Verify Only
0
1
0
Factory use
0
1
1
Jump to top of EEPROM
1
0
0
Jump to top of RAM
1
0
1
Jump to top of EPROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com