Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 62 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 172 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 51
MC68HC705V8 Specification Rev. 2.1
SECTION 7
POWER SUPPLY AND REGULATION
The MC68HC705V8 contains a low-power CMOS on-chip fixed voltage regulator to provide
internal power to the MCU from an external DC source. The MCU features separate analog
and digital power and ground pins to help decrease common-mode noise contamination of
the analog subsystems. The supply pins are also grouped in adjacent pairs to permit
optimal decoupling and to minimize radiated RF emissions.
7.1
INTERNAL POWER SUPPLY
The on-chip voltage regulation and power supply control circuitry is comprised of four
elements: the primary regulator, the secondary regulator, the power mode control, and the
LVR circuitry. The primary internal regulator can be disabled through register control bits.
When it is desired to use an external voltage regulator, regulated power must be provided
to both sets of VDD/VSS pins. When the primary regulator is disabled, the regulator input pin
(VBATT) is still used to power the MDLC’s physical interface.
7.1.1
PRIMARY 5V REGULATOR
The primary 5V regulator accepts a regulated input supply and provides a regulated 5V
supply to all the digital sections of the device with the exception of the VIGN and power
supply control logic. The output of this regulator is also connected to the VDD pins to allow
for decoupling of the digital supply pins (VDD), to supply a decoupled and/or filtered supply
to the analog supply pin (VCCA) and to provide an external power source for off chip usage.
The regulator requires an external 10 uF capacitor for stability.
See Figure 7-6:
MC68HC705V8 On-chip Power Supply Configuration for the most
suitable supply pin and external capacitor connections.
The primary regulator can be disabled through software by clearing the PDC bit of the
MISCELLANEOUS register (see Figure 7-1). Once disabled, the regulator can only be
enabled by a rising edge on the VIGN or BUS (if mask option enabled) pins. When disabled,
the primary regulator output will be connected to VSS if the VDDC mask option has been
selected. This prevents unintentional device operation using current sourced through
external pullup components.
Any loss of VBATT sufficient to trigger an LVR will cause the device to be reset. The device
will remain in the reset state for the duration of the LVR condition or until the internal VDD
drops below the functional level of the device, at which point reset no longer has meaning.
If the drop in VBATT that triggers an LVR is transient, the internal RST will be asserted for a
minimum 4064 cycles of the CPU bus clock, PH2 (the POR delay).
7.1.2
SECONDARY REGULATOR
The secondary regulator provides an independent supply to the small amount of power
supply control logic required to provide some of the power moding functions. The
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com