Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 172 page
background image
SECTION 12: CORE TIMER
Page 84
MC68HC705V8 Specification Rev. 2.1
12.3
CORE TIMER COUNTER REGISTER (CTCR) $09
The Timer Counter Register is a read-only register which contains the current value of the
8-bit ripple counter at the beginning of the timer chain. This counter is clocked by the CPU
clock (E/4) and can be used for various functions including a software input capture.
Extended time periods can be attained using the TOF function to increment a temporary
RAM storage location thereby simulating a 16-bit (or more) counter.
Figure 12-3:
Timer Counter Register
The power-on cycle clears the entire counter chain and begins clocking the counter. After
4064 cycles, the power-on reset circuit is released which again clears the counter chain and
allows the device to come out of reset. At this point, if RESET is not asserted, the timer will
start counting up from zero and normal device operation will begin. When RESET is
asserted anytime during operation (other than POR), the counter chain will be cleared.
12.4
TIMER DURING WAIT MODE
The CPU clock halts during the WAIT mode, but the timer remains active. If interrupts are
enabled, a timer interrupt will cause the processor to exit the WAIT mode. The COP is
always enabled while in user mode.
D7
D5
D4
D3
D2
D1
D0
D6
$09
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com