Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 172 page
background image
SECTION 9: PARALLEL I/O
Page 67
MC68HC705V8 Specification Rev. 2.1
SECTION 9
PARALLEL I/O
In the Single-Chip Mode there are 28 bidirectional I/O lines arranged as three 8-bit I/O ports
(Ports A, B and C) and one 4-bit I/O port (Port F), and 16 input only lines arranged as two
8-bit ports (Ports D and E). The individual bits in the I/O ports are programmable as either
inputs or outputs under software control by the data direction registers (DDRs). The Port A
and Port C pins also have the additional properties of acting as additional IRQ interrupt
input sources.
9.1
PORT A AND PORT C
Port A and Port C are 8-bit bidirectional ports which share all of their pins with the IRQ
interrupt system as shown in Figure 9-1. Each pin is controlled by the corresponding bits in
a data direction register and a data register. The Port A Data Register is located at address
$0000.The Port C Data Register is located at address $0002. The Port A Data Direction
Register (DDRA) is located at address $0004. The Port C Data Direction Register (DDRC)
is located at address $0006. Reset clears DDRA and DDRC. The Data Registers are
unaffected by reset.
Figure 9-1:
Port A and Port C I/O Circuitry
9.1.1
PORT A/C DATA REGISTERS
Each Port A/C I/O pin has a corresponding bit in the Port A/C Data Register. When a Port
A/C pin is programmed as an output the state of the corresponding data register bit
determines the state of the output pin. When a Port A/C pin is programmed as an input, any
to IRQ interrupt system
Port A/C Bits 0 thru 7
Read $0000/02
Write $0000/02
Read $0004/06
Data
Register Bit
I/O
Pin
Output
Internal HC05
Data Bus
Reset
(RST)
Write $0004/06
Data Direction
Register Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com