Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 60 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 172 page
background image
SECTION 6: RESETS
Page 49
MC68HC705V8 Specification Rev. 2.1
Table 6-1:
COP Watchdog Timer Recommendations
6.2.3.5
COP REGISTER
The COP register is shared with the MSB of an unimplemented User Interrupt Vector as
shown in Figure 6-3. Reading this location will return whatever user data has been
programmed at this location. Writing a “0” to the COPR bit in this location will clear the COP
watchdog timer.
Figure 6-3:
COP Watchdog Timer Location
6.2.4
LOW-VOLTAGE RESET (LVR)
The internal low voltage (LVR) reset is generated when VDD falls below the LVR threshold
VLVRI and will be released following a POR delay starting when VDD rises above VLVRR. The
LVR threshold is tested to be above the minimum operating voltage of the microcontroller
and is intended to assure that the CPU will be held in reset when the VBATT supply voltage
is below reasonable operating limits. However, it should be noted that the LVR monitors
VDD not VBATT. A mask option is provided to disable the LVR when the device is expected
to normally operate at low voltages. Note that the V
DD rise and fall slew rates (SVDDR and
S
VDDF) must be within the specification for proper LVR operation. If the specification is not
met, the circuit will operate properly following a delay of V
DD/Slew rate.
The LVR will generate the RST signal which will reset the CPU and other peripherals. As it
is not possible to determine the level of the internal VDD at the point VBATT recovers (and
POR is not intended to detect a loss of VDD), an LVR will always recover using a POR
delay. The low voltage reset will activate the internal pulldown device connected to the
RESET pin.
WAIT Time Less than
COP Time-Out
STOP Instruction
WAIT Time
THEN the
COP Watchdog Timer
should be as follows:
Disable COP
by mask option
converted to reset
Enable or disable COP
by mask option
WAIT Time More than
COP Time-Out
any length
WAIT Time
Acts as STOP
Disable COP
by mask option
converted to reset
IF the following conditions exist:
UNIMPLEMENTED VECTOR &
COP WATCHDOG TIMER
x
$3FF0
W
R
COPR
UNIMPLEMENTED
READ
WRITE
ADDR
1
0
2
3
4
5
6
7
REGISTER
x
x
x
x
x
x
x
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com