Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 74 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 172 page
background image
SECTION 8: LOW-POWER MODES
Page 63
MC68HC705V8 Specification Rev. 2.1
SECTION 8
LOW-POWER MODES
The MC68HC705V8 is capable of running in one of several low-power operational modes.
The WAIT and STOP instructions provide two modes that reduce the power required for the
MCU by stopping various internal clocks and/or the on-chip oscillator. The STOP and WAIT
instructions are not normally used if the COP Watchdog Timer is enabled. A mask option
is provided to convert the STOP instruction to an internal reset. The flow of the STOP and
WAIT modes is shown in Figure 8-2.
8.1
STOP INSTRUCTION
The STOP instruction can result in one of two operations depending on the state of the
MOR’s STOP bit. If the STOP option is enabled, the STOP instruction operates like the
STOP in normal MC68HC05 family members and places the device in the low power STOP
Mode. If the STOP option is disabled, the STOP instruction will cause a chip reset when
executed.
8.1.1
STOP MODE
Execution of the STOP instruction, with the proper mask option, places the MCU in its
lowest power consumption mode. In the STOP Mode the internal oscillator is turned off,
halting
all internal processing, including the COP Watchdog Timer.
During the STOP mode, the TCR bits are altered to remove any pending timer interrupt
request and to disable any further timer interrupts. The timer prescaler is cleared. The I bit
in the CCR is cleared and the IRQE mask is set in the ICSR to enable external interrupts.
All other registers and memory remain unaltered. All input/output lines remain unchanged.
The processor can be brought out of the STOP mode only by an external interrupt or reset.
The MCU can be brought out of the STOP Mode by only one of the following:
•
IRQ pin external interrupt
•
Externally generated RESET
•
Falling edge on any Port A or Port C pin (if enabled)
•
Rising edge on the MDLC BUS pin
When exiting the STOP Mode, the internal oscillator will resume after a 4064 internal
processor clock cycle oscillator stabilization delay, as shown in Figure 8-1.
NOTE:
Execution of the STOP instruction with the proper mask option will cause
the oscillator to stop and therefore disable the COP Watchdog Timer. If
the COP Watchdog Timer is to be used, the STOP Mode should be
disabled by selecting the proper mask option. See 6.2.3.4 COP
WATCHDOG TIMER CONSIDERATIONS for more details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com