Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 172 page
background image
SECTION 11: 16-BIT TIMER
Page 80
MC68HC705V8 Specification Rev. 2.1
The counter alternate register at address $1A and $1B contains the same value as the free-
running counter (at address $18 and $19); therefore, this alternate register can be read at
any time without affecting the timer overflow flag in the timer status register.
11.6
TIMER DURING WAIT MODE
The CPU clock halts during the WAIT mode, but the timer remains active if turned on prior
to entering wait mode. If interrupts are enabled, a timer interrupt will cause the processor
to exit the WAIT mode.
11.7
TIMER DURING STOP MODE
In the STOP mode, the timer stops counting and holds the last count value if STOP is exited
by an interrupt. If RESET is used, the counter is forced to $FFFC. During STOP, if the
TIMER is on and at least one valid input capture edge occurs at the TCAP pin, the input
capture detect circuit is armed. This does not set any timer flags nor wake up the MCU, but
when the MCU does wake up, there is an active input capture flag and data from the first
valid edge that occurred during the STOP mode. If RESET is used to exit STOP mode, then
no input capture flag or data remains, even if a valid input capture edge occurred.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com