Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 42 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 172 page
background image
SECTION 4: CPU CORE
Page 31
MC68HC705V8 Specification Rev. 2.1
SECTION 4
CPU CORE
The MC68HC705V8 has a 16K memory map. Therefore it uses only the lower 14 bits of the
address bus. In the following discussion the upper 2 bits of the address bus can be ignored.
Also, the STOP instruction may be selected to act as either the normal STOP instruction or
pull a reset by means of a mask option. All other instructions and registers behave as
described in this chapter.
4.1
REGISTERS
The MCU contains five registers that are hard-wired within the CPU and are not part of the
memory map. These five registers are shown in Figure 4-1 and are described in the
following paragraphs.
Figure 4-1:
MC68HC05 Programming Model
4.1.1
ACCUMULATOR (A)
The accumulator is a general purpose 8-bit register, as shown in Figure 4-1. The CPU uses
the accumulator to hold operands and results of arithmetic calculations or nonarithmetic
operations. The accumulator is unaffected by a reset of the device.
4.1.2
INDEX REGISTER (X)
The index register shown in Figure 4-1 is an 8-bit register that can perform two functions:
•
Indexed addressing
•
Temporary storage
CONDITION CODE REGISTER
I
ACCUMULATOR
60
A
INDEX REGISTER
71
X
4
52
3
STACK POINTER
SP
14
8
15
9
12
13
10
11
PC
CC
111
11
0
0
0
0
0
0
0
0
PROGRAM COUNTER
HN
Z
C
HALF-CARRY BIT (FROM BIT 3)
INTERRUPT MASK
NEGATIVE BIT
ZERO BIT
CARRY BIT
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com