Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 172 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 91
MC68HC705V8 Specification Rev. 2.1
14.1.4
Slave Select (SS/PF0)
The slave select (SS) input line is used to select a slave device. It has to be low prior to
data transactions and must stay low for the duration of the transaction.The SS line on the
master must be tied high. If it goes low, a mode fault error flag (MODF) is set in the SPSR.
When CPHA=0, the shift clock is the OR of SS with SCK. In this clock phase mode, SS
must go high between successive characters in an SPI message. When CPHA=1, SS may
be left low for several SPI characters. In cases where there is only one SPI slave MCU, its
SS line could be tied to VSS as long as CPHA=1 clock modes are used. The SS pin is
shared with the PF0 pin. See 9.4 PORT F for additional information on the SS pin.
14.2
FUNCTIONAL DESCRIPTION
Figure 14-2 shows a block diagram of the serial peripheral interface circuitry. When a
master device transmits data to a slave via the MOSI line, the slave device responds by
sending data to the master device via the master’s MISO line. This implies full duplex
transmission with both data out and data in synchronized with the same clock signal. Thus,
the byte transmitted is replaced by the byte received and eliminates the need for separate
transmit-empty and receive-full status bits. A single status bit (SPIF) is used to signify that
the I/O operation has been completed.
The SPI is double buffered on read, but not on write. If a write is performed during data
transfer, the transfer occurs uninterrupted, and the write will be unsuccessful. This
condition will cause the write collision (WCOL) status bit in the SPSR to be set. After a data
byte is shifted, the SPIF flag of the SPSR is set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com