Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 103 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 172 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 92
MC68HC705V8 Specification Rev. 2.1
Figure 14-2:
Serial Peripheral Interface Block Diagram
In the master mode, the SCK pin is an output. It idles high or low, depending on the CPOL
bit in the SPCR, until data is written to the shift register, at which point eight clocks are
generated to shift the eight bits of data and then SCK goes idle again.
In a slave mode, the slave select start logic receives a logic low at the SS pin and a clock
at the SCK pin. Thus, the slave is synchronized with the master. Data from the master is
received serially at the MOSI line and loads the 8-bit shift register. After the 8-bit shift
register is loaded, its data is parallel transferred to the read buffer. During a write cycle, data
is written into the shift register, then the slave waits for a clock train from the master to shift
the data out on the slave’s MISO line.
Figure 14-3 illustrates the MOSI, MISO, SCK, and SS master-slave interconnections.
DIVIDER
÷2 ÷4 ÷16 ÷32
SELECT
8-BIT SHIFT REG
READ DATA BUFF
MSB
LSB
S
M
M
S
S
M
CLOCK
CLOCK
LOGIC
SPI CLOCK
MSTR
SPE
SPI CONTROL REGISTER
INTERNAL
DATA BUS
SPI INTERRUPT
REQUEST
SPI STATUS REGISTER
SPI CONTROL
INTERNAL
MCU CLOCK
PF1/
PF0/
PF2/
PF3/
MISO
MOSI
SCK
SS
(MASTER)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com