Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 104 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 172 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 93
MC68HC705V8 Specification Rev. 2.1
Figure 14-3:
Serial Peripheral Interface Master-Slave Interconnection
14.3
SPI REGISTERS
There are three registers in the SPI which provide control, status, and data storage
functions. These registers are called the serial control register (SPCR), serial peripheral
status register (SPSR), and serial peripheral data I/O register (SPDR) and are described in
the following paragraphs.
14.3.1
Serial Peripheral Control Register (SPCR)
Figure 14-4:
SPI Control Register (SPCR)
SPIE - Serial Peripheral Interrupt Enable
0 = SPIF interrupts disabled
1 = SPI interrupt is SPIF=1
SPE - Serial Peripheral System Enable
0 = SPI system off
1 = SPI system on. Port F becomes SPI pins. SS is a special case. See 9.4
PORT F for additional information.
MSTR - Master Mode Select
0 = Slave mode
1 = Master mode
8-BIT SHIFT REGISTER
8-BIT SHIFT REGISTER
MISO
MOSI
MISO
MOSI
SPI CLOCK
GENERATOR
SCK
SCK
SLAVE
MASTER
SS
SS
V
DD
SPIE
—
MSTR
CPOL
CPHA
SPR1
SPR0
SPE
$0A
0
0001
U
U
0
RESET:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com