Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 106 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 172 page
background image
SECTION 14: SERIAL PERIPHERAL INTERFACE
Page 95
MC68HC705V8 Specification Rev. 2.1
WCOL - Write Collision
The write collision bit is set when an attempt is made to write to the serial
peripheral data register while data transfer is taking place. If CPHA is zero, a
transfer is said to begin when SS goes low and the transfer ends when SS goes
high after eight clock cycles on SCK. When CPHA is one, a transfer is said to
begin the first time SCK becomes active while SS is low and the transfer ends
when the SPIF flag gets set. Clearing the WCOL bit is accomplished by reading
the SPSR (with WCOL set) followed by an access to SPDR.
Bit 5 - Not implemented
This bit always reads zero.
MODF - Mode Fault
The mode fault flag indicates that there may have been a multi-master conflict
for system control and allows a proper exit from system operation to a reset or
default system state. The MODF bit is normally clear, and is set only when the
master device has its SS pin pulled low. Setting the MODF bit affects the internal
serial peripheral interface system in the following ways:
•
An SPI interrupt is generated if SPIE=1.
•
The SPE bit is cleared. This disables the SPI.
•
The MSTR bit is cleared, thus forcing the device into the slave mode.
Clearing the MODF bit is accomplished by reading the SPSR (with MODF set),
followed by a write to the SPCR. Control bits SPE and MSTR may be restored
to their original state by user software after the MODF bit has been cleared. It is
also necessary to restore DDRD after a mode fault.
Bits 3-0 - Not Implemented
These bits always read zero.
14.3.3
Serial Peripheral Data I/O Register (SPDR)
The serial peripheral data I/O register is used to transmit and receive data on the serial bus.
Only a write to this register will initiate transmission/reception of another byte, and this will
only occur in the master device. At the completion of transmitting a byte of data, the SPIF
status bit is set in both the master and slave devices.
When the user reads the serial peripheral data I/O register, a buffer is actually being read.
The first SPIF must be cleared by the time a second transfer of the data from the shift
register to the read buffer is initiated, or an overrun condition will exist. In cases of overrun,
the byte that causes the overrun is lost.
A write to the serial peripheral data I/O register is not buffered and places data directly into
the shift register for transmission.
SPD7
SPD5
SPD4
SPD3
SPD2
PSD1
SPD0
SPD6
$0C
-
------
-
RESET:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com